Part Number Hot Search : 
LM38605 HMC693 MB100 T1206 MAX40 NJU6575A T1010 1A470
Product Description
Full Text Search
 

To Download TSP2-QF2012A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0805 PACKAGE CHIP LED TSP2-QF2012A3
0805 Package Chip LED
Features
* * * * * Package in 8mm tape on 7" diameter reel Compatible with automatic placement equipment Compatible with infrared and vapor phase reflow solder process Mono-color type RoHS compliance
QSLP2QF2
Applications
* Automotive: Backlighting in dashboards and switch * Telecommunication: indicator and backlighting in telephone and fax * Flat backlight for LCD, switches and symbols * General Use
Descriptions
* This SMD Taping is much smaller than leaded components, thus enable smaller board higher packing density, reduced storage space and finally smaller equipment to be obtained. * Light weight makes them ideal for miniature applications
Device Selection Guide
Chip Part No. Material AlGaInP Emitted Color Hyper Red Lens Color
TSP2-QF2012A3
Water Clear
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-247-2232 (800)-TAITRON (661)-257-6060 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Rev. A/JY Page 1 of 7
0805 PACKAGE CHIP LED TSP2-QF2012A3
Absolute Maximum Ratings (Ta=25C)
Parameter Reverse Voltage Forward Current Peak Forward Current (Duty 1/10 @1KHz) Power Dissipation Electrostatic Discharge Soldering Temperature Operating Temperature Storage Temperature Symbol Value 5 25 160 60 2000 260 (for 5 seconds) -40 ~ +85 -40 ~ +90 Unit V mA mA mW V C C C
VR IF IF(Peak) Pd
ESD
Tso Topr Tstg
Electro-Optical Characteristics (Ta=25C)
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol Min. 17 ------------------------Typ. 42 140 632 624 20 2.0 ----Max. --------------------2.4 10 Unit mcd deg nm IF =20mA nm nm V A VR=5V Condition
IV
21/2
p d
VF
IR
Notes: 1. Tolerances Unless Dimension 0.1mm 2. Angle 0.5
Rev. A/JY www.taitroncomponents.com Page 2 of 7
0805 PACKAGE CHIP LED TSP2-QF2012A3
Typical Electro-Optical Characteristics Curves
Spectrum Distribution Relative luminous intensity (%) Forward Current vs. Forward Voltage
Wavelength p(nm) Luminous Intensity vs. Ambient Temperature Relative luminous intensity (%)
Forward Current IF (mA)
Forward Voltage (VF)-volts Luminous Intensity vs. Forward Current Relative luminous intensity (%)
Ambient Temperature Ta (C) Forward Current Derating Curve Forward Current IF (mA) Forward Current IF (mA)
Ambient Temperature Ta (C)
Radiation Diagram (Ta =25C) Rev. A/JY
www.taitroncomponents.com
Page 3 of 7
0805 PACKAGE CHIP LED TSP2-QF2012A3
Reliability Test Items and Conditions
The reliability of products shall be satisfied with items listed below. Confidence level: 90%, LTPD: 10%
Test Hours / Cycles 5 Sec 50 Cycles Sample Size 76 PCS. 76 PCS.
No. 1 2 Solder Heat
Items
Test Condition Temp.: 260C 5C. H: +85C 30min 5 min L: -55C 15min H: +100C 5min 10 sec L: -10C 5min Temp: 100C Temp: -55C IF = 20 mA 85C / 85%RH
Ac/Re 0/1 0/1
Temperature Cycle
3 4 5 6 7
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life High Temperature / High Humidity
50 Cycles 1000 Hrs. 1000 Hrs. 1000 Hrs. 1000 Hrs.
76 PCS. 76 PCS. 76 PCS. 76 PCS. 76 PCS.
0/1 0/1 0/1 0/1 0/1
Rev. A/JY www.taitroncomponents.com Page 4 of 7
0805 PACKAGE CHIP LED TSP2-QF2012A3
Package Dimensions (In mm)
Note: The tolerances unless mentioned is 0.1mm, Unit = mm
Carrier Tape Dimensions Loaded quantity 3000pcs per reel (In mm)
Rev. A/JY www.taitroncomponents.com Page 5 of 7
0805 PACKAGE CHIP LED TSP2-QF2012A3
Reel Dimensions
Note: The tolerances unless mentioned is 0.1mm, Unit = mm
Test Circuit
Rev. A/JY www.taitroncomponents.com Page 6 of 7
0805 PACKAGE CHIP LED TSP2-QF2012A3
Ordering Information TS P 2- Q F 2012 A3 - 92-TR70
Lead Free Tape & Reel 7=7 reel 0=3k per reel Factory Location Code Dice Code Size in mm Flat Top Hyper Red Color Concave (Through Hole Type) PCB Type Taitron SMD LED
How to contact us
US HEADQUARTER
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-54249942 Fax: +86-21-5424-9931
Rev. A/JY www.taitroncomponents.com Page 7 of 7


▲Up To Search▲   

 
Price & Availability of TSP2-QF2012A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X